cord connectors (rewireable) 478 www.schurter.com/pg07 b connectors iec connector c15, rewireable, straight 4781 c15 120 c description - cord connectors (rewireable): screw - connector, pin temperature 120 c, protection class i - cable approvals - vde license number: 40010732 - ul license number: e96454 - csa license number: 56242 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 15 a / 250 vac; 60 hz dielectric strength > 2 kvac between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 120 c protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal cable material: housing thermoplastic, black, ul 94v-0 connector c15 acc. to iec/en 60320-1, ul 498, csa c22.2 no. 42 (for hot con - ditions) pin-temperature 120 c, 10 a, protection class 1 dimensions 28.7 mm 4781 62.0 28.7 21.0 87.5 variants color max. cable diameter max. wire size order number black 8.5 mm 3 x 1 mm2 / 3 x 18 awg 4781.0000 black 10.0 mm 3 x 2.1 mm2 / 3 x 14 awg 4781.0100 max. torque for screws: terminal: 0.5 nm, cable clamp: 0.3 nm, cover: 0.3 nm cord retaining clamp see accessories packaging unit 100 pcs
cord connectors (rewireable) 478 www.schurter.com/pg07 b connectors accessorie s description cord retaining kit s cord retaining strain relief flat head, a 4700.0001 countersunk, b 4700.0002 countersunk, c 4700.0003 flat head, e 4700.0005 ... mating inlets/plug s category / description appliance inlet overview complet e iec appliance inlet c16, screw-on mounting, front side, quick-connect or screw-on terminal 016 1 iec appliance inlet c16, screw-on mounting, front side, quick-connect or screw-on terminal 0161- y iec appliance inlet c16, screw-on mounting, front or rear side, quick-connect or screw-on terminal 016 3 iec appliance inlet c16, screw-on mounting, front side, screw-on terminal 016 4 iec appliance inlet c16, snap-in mounting, front side, quick-connect terminal 016 5 appliance inlet further types to 478 1 ... distribution unit overview complet e distribution unit for snap-in mounting with 1 iec appliance inlet c14 and 1 appliance outlet f 071 2 distribution unit with 1 iec appliance inlet c14 or power cord, 4 iec appliance outlets f and extra components 474 0 distribution unit with 1 iec appliance inlet c14 and 2 appliance outlets f, shuttered 474 1 distribution unit with 1 iec appliance inlet c14 and 4 appliance outlets f 474 7 distribution unit further types to 478 1 interconnection cord overview complet e interconnection cord with iec plug e, angled 060 7 interconnection cord with iec plug e, angled 060 8 interconnection cord with iec plug e, straight 060 9 interconnection cord with iec plug g, angled 607 b interconnection cord with iec plug g, angled 608 b interconnection cord further types to 478 1 ... plug overview complet e iec plug e, cord connector (rewireable), straight, max. cable diameter 8.5 mm 473 2 iec plug e, cord connector (rewireable), angled, max. cable diameter 10 mm 473 3 iec plug e, cord connector (rewireable), straight, max. cable diameter 10 mm 473 5 iec plug e, cord connector (rewireable), angled, max. cable diameter 10 mm 473 6 iec plug e, cord connector (rewireable), straight 900 9 plug further types to 478 1 ... power entry module overview complet e iec appliance inlet c14 or c18 with fuseholder 1-pole 106 2 iec appliance inlet c14 or c18 with fuseholder 1- or 2-pole 106 4 iec appliance inlet c18 with fuseholder 1-pole 106 5 iec appliance inlet c18 with fuseholder 1- or 2-pole 106 6 iec appliance inlet c14 with fuseholder 1- or 2-pole 109 2 power entry module further types to 478 1 ...
cord connectors (rewireable) 478 www.schurter.com/pg07 b connectors category / description power entry module with line filter overview complet e iec appliance inlet c14 with filter 511 0 iec appliance inlet c14 with filter, circuit breaker ta45 514 5 iec appliance inlet c14 with filter, fuseholder 1-pole 520 0 iec appliance inlet c14 with filter, fuseholder 1- or 2-pole 522 0 iec appliance inlet c14 with filter, fuseholder 2-pole 8843- 8 power entry module with line filter further types to 478 1 ... the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.
|